Part Number Hot Search : 
TA1690A 4LVX1 74270022 UR18650F 1N750A RN5002 HD120 240128
Product Description
Full Text Search
 

To Download 1N4448 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fast Switching Diode
COMCHIP
www.comchiptech.com
1N4148 / 1N4448
High Speed
DO-35
Features
- Fast Switching Speed - General Purpose Rectification - Silicon Epitaxial Planar Construction
0.079 (2.0) Max.
1.0 (25.4) Min.
Mechanical Data
- Case: DO-35 - Terminals: Solderable per MIL-STD-202, Method 208 - Polarity: Cathode Band - Weight: 0.13 grams (approx.)
0.024 (0.60) Max.
0.157 (4.0) Max.
1.0 (25.4) Min.
Dimensions in inches and (millimeters)
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t = 1.0s @ t = 1.0ms Power Dissipation (Note 1) Derate Above 25C Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG 300 150 1.0 2.0 500 1.68 300 -65 to +175 1N4148 100 75 53 500 1N4448 Unit V V V mA mA A mW mW/C K/W C
Electrical Characteristics
Characteristic Maximum Forward Voltage
@ TA = 25C unless otherwise specified Symbol 1N4148 1N4448 1N4448 VFM Min 3/4 0.62 3/4 3/4 3/4 3/4 Max 1.0 0.72 1.0 5.0 50 30 25 4.0 4.0 Unit V mA mA mA nA pF ns Test Condition IF = 10mA IF = 5.0mA IF = 100mA VR = 75V VR = 70V, Tj = 150C VR = 20V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = 10mA to IR =1.0mA VR = 6.0V, RL = 100W
Maximum Peak Reverse Current Capacitance Reverse Recovery Time
IRM Cj trr
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
MDS0312005A
Page 1
Fast Switching Diode
COMCHIP
www.comchiptech.com
Ratings and Characteristic Curves (TA = 25C unless otherwise noted)
IF, INSTANTANEOUS FORWARD CURRENT (mA)
1000
10,000
100
IR, LEAKAGE CURRENT (nA)
1000
10
100
1.0
10
0.1
VR = 20V
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
1 0 100 200
Tj, JUNCTION TEMPERATURE (C) Fig. 2, Leakage Current vs Junction Temperature
MDS0312005A
Page 2


▲Up To Search▲   

 
Price & Availability of 1N4448

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X